elektronische bauelemente smf201am~SMF207AM voltage 50 ~ 1000 v 2.0 amp fast recovery rectifiers 17-apr -2015 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features low profile package glass passivated chip juntion lead free in comply with eu rohs 2011/65/eu direct ives mechanical data case : smam terminals: solderable per mil-std-750, method 2026 weight: 27 mgram (approximate) marking part number marking code part number marking code smf201am rs2a smf205am rs2j smf202am rs2b smf206am rs2k smf203am rs2d SMF207AM rs2m smf204am rs2g package information package mpq leader size smam 3k 7 inch absolute maximum ratings (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) part number parameter symbol smf 201am smf 202 am smf 203 am smf 204am smf 205am smf 206am smf 207am unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current i f 2 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 50 a maximum instantaneous forward voltage i f =2a @ 25c v f 1.3 v t a =25c 5 maximum dc reverse current at rated dc blocking voltage t a =125c i r 100 a maximum reverse recovery time 1 t rr 150 250 500 ns typical junction capacitance 3 c j 40 pf typical thermal resistance 2 r jl 22 c/w typical thermal resistance 2 r jc 30 c/w operating & storage temperature t j ,t stg -55~ 150 c notes: 1. measured with i f =0.5a,i r =1a,i rr =0.25a 2. p.c.b. mounted with 10 x 10 x 0.2 mm copper pad areas. 3. measured at 1mhz and applied reverse voltage of 4v d.c smam millimeter millimeter ref. min. max. ref. min. max. a 3.30 3.70 d 0.80 1.20 b 2.40 2.70 e 1.30 1.60 c 4.40 4.90 f 0.90 1.1 0
elektronische bauelemente smf201am~SMF207AM voltage 50 ~ 1000 v 2.0 amp fast recovery rectifiers 17-apr -2015 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves
|